PART |
Description |
Maker |
GLT41116-30J4 GLT41116-45J4 |
30ns; 64K x 16 CMOS dynamic RAM with fast page mode 45ns; 64K x 16 CMOS dynamic RAM with fast page mode
|
G-LINK Technology
|
IDT7187 IDT7187L IDT7187L25DB IDT7187L25L22B IDT71 |
CMOS STATIC RAM 64K (64K x 1-BIT) 64K X 1 STANDARD SRAM, 25 ns, CDIP22
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
MX27C512 MX27C512PC-12 MX27C512PC-15 MX27C512PC-45 |
Single Output LDO, 50mA, Fixed(3.2V), Low Quiescent Current, Thermal Protection 5-SOT-23 12k位[64Kx8]的CMOS存储 512K-BIT [64Kx8] CMOS EPROM 64K X 8 OTPROM, 90 ns, PDSO28 512K-BIT [64Kx8] CMOS EPROM 64K X 8 OTPROM, 70 ns, PDIP28 512K-BIT [64Kx8] CMOS EPROM 64K X 8 OTPROM, 70 ns, PQCC32 512K-BIT [64Kx8] CMOS EPROM 64K X 8 OTPROM, 90 ns, PQCC32 512K-BIT [64Kx8] CMOS EPROM 64K X 8 OTPROM, 90 ns, PDIP28 Miniature, 2W Isolated Unregulated DC/DC Converters 7-PDIP 64K X 8 OTPROM, 45 ns, PDIP28 Miniature, 2W Isolated Unregulated DC/DC Converters 7-PDIP 64K X 8 OTPROM, 120 ns, PDIP28 Miniature, 2W Isolated Unregulated DC/DC Converters 12-SOP 64K X 8 OTPROM, 55 ns, PDIP28
|
Macronix International Co., Ltd. MCNIX[Macronix International]
|
IDT71016 IDT71016S12PHG IDT71016S12PHGI IDT71016S1 |
CMOS Static RAM 1 Meg (64K x 16-Bit) 64K x 16 Static RAM Filter Module w/out Resistor Network 64K X 16 STANDARD SRAM, 20 ns, PDSO44 CMOS Static RAM 1 Meg (64K x 16-Bit) 64K X 16 STANDARD SRAM, 12 ns, PDSO44 Octal Buffers And Line/MOS Drivers With 3-State Outputs 20-SOIC -40 to 85 64K X 16 STANDARD SRAM, 15 ns, PDSO44
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc. SRAM INTEGRATED DEVICE TECHNOLOGY INC
|
AS7C1026B AS7C1026B-20TIN AS7C1026B-10JC AS7C1026B |
High Speed CMOS Logic Triple 3-Input AND Gates 14-SOIC -55 to 125 64K X 16 STANDARD SRAM, 20 ns, PDSO44 5 V 64K X 16 CMOS SRAM 54K的16 CMOS SRAM 5 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44 5 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 20 ns, PDSO44 5 V 64K X 16 CMOS SRAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44 High Speed CMOS Logic Dual Positive-Edge-Triggered J-K Flip-Flops with Set and Reset 16-PDIP -55 to 125 High Speed CMOS Logic Triple 3-Input AND Gates 14-PDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge-Triggered J-K Flip-Flops with Set and Reset 16-SOIC -55 to 125 SRAM - 5V Fast Asynchronous
|
Analog Devices, Inc. Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
IS61C6416AL-12TI-TR IS64C6416AL-15TLA3 IS65C6416AL |
64K X 16 STANDARD SRAM, 15 ns, PDSO44 64K x 16 HIGH-SPEED CMOS STATIC RAM
|
天津新技术产业园区管理委员会 INTEGRATED SILICON SOLUTION INC List of Unclassifed Manufac...
|
AT28LV64B DOC233 AT28LV64B-20JC AT28LV64B-20TC AT2 |
64K (8K x 8) Low Voltage CMOS From old datasheet system 64K 8K x 8 Low Voltage CMOS E2PROM with Page Write and Software Data Protection
|
ATMEL[ATMEL Corporation]
|
GM71C17400 GM71C17400CJ GM71CS17400CL GM71C17400CL |
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM 4,194,304 words x 4 bit CMOS dynamic RAM, 60ns 4M X 4 FAST PAGE DRAM, 50 ns, PDSO24 x4 Fast Page Mode DRAM 4M X 4 FAST PAGE DRAM, 60 ns, PDSO24 4Mx4|5V|2K|5/6/7|FP/EDO DRAM - 16M IC REG LDO 1A 12V SHDN TO220FP-5 null4/194/304 WORDS x 4 BIT CMOS DYNAMIC RAM null4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM 4,194,304 words x 4 bit CMOS dynamic RAM, 50ns 4,194,304 words x 4 bit CMOS dynamic RAM, 70ns
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. HYNIX[Hynix Semiconductor]
|
AT28C64-25 AT28C64-20 AT28C64E-1 AT28C64E-12PI AT2 |
64K 8K x 8 Battery-Voltage CMOS E2PROM 8K X 8 EEPROM 5V, 250 ns, PDSO28 8-Bit Shift Registers With 3-State Output Registers 16-TSSOP -40 to 85 8K X 8 EEPROM 5V, 250 ns, PQCC32 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 8K X 8 EEPROM 5V, 250 ns, UUC27 64K 8K x 8 Battery-Voltage CMOS E2PROM 8K X 8 EEPROM 5V, 150 ns, PDSO28 Dual Positive-Edge-Triggered D-Type Flip-Flops 14-SSOP -40 to 85 8K X 8 EEPROM 5V, 250 ns, PDSO28 64K (8K X 8) CMOS E2PROM 64K 8K x 8 CMOS E2PROM
|
Atmel, Corp. PROM Atmel Corp. ATMEL[ATMEL Corporation]
|
P4C1298-45JMB P4C1298-45PMB P4C1298-45JC P4C1298-4 |
ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM 64K X 4 STANDARD SRAM, 15 ns, CDIP28 ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM 超高4K的4静态CMOS存储
|
Pyramid Semiconductor Corporation Pyramid Semiconductor, Corp.
|
K6F1016U4B K6F1016U4B-F K6F1016U4B-FF55 K6F1016U4B |
64K X 16 STANDARD SRAM, 55 ns, PBGA48 64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
SAMSUNG[Samsung semiconductor]
|